Part Number Hot Search : 
CRCW0402 SMBJ14A TXV1N 1N4005 X76F640Y MBR40 74ACQ241 6322F33
Product Description
Full Text Search
 

To Download CMLT3946E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMLT3904E NPN CMLT3906E PNP CMLT3946E NPN/PNP ENHANCED SPECIFICATION COMPLEMENTARY PICOminiTM SILICON TRANSISTORS
Central
TM
Semiconductor Corp.
DESCRIPTION: The Central Semiconductor CMLT3904E (two single NPN), CMLT3906E (two single PNP), and CMLT3946E (one each NPN and PNP complementary) are combinations of enhanced specification transistors in a space saving SOT-563 package, designed for small signal general purpose amplifier and switching applications. ENHANCED SPECIFICATIONS:
BVCBO from 40V min to 60V min. (PNP) BVEBO from 5.0V min to 6.0V min. (PNP) VCE(SAT) from 0.3V max to 0.2V max. (NPN), from 0.4V max to 0.2V max. (PNP) hFE from 60 min to 70 min. (NPN/PNP) SYMBOL VCBO VCEO VEBO IC PD PD PD TJ, Tstg JA 60 40 6.0 200 350 300 150 -65 to +150 357 UNITS V V V mA mW (Note 1) mW (Note 2) mW (Note 3) C C/W
SOT-563 CASE MARKING CODES: CMLT3904E:
CMLT3906E: CMLT3946E: L04 L06 L46
MAXIMUM RATINGS: (TA=25C)
Collector-Emitter Voltage
Emitter-Base Voltage Collector Current Power Dissipation Power Dissipation Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
Collector-Base Voltage
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) NPN SYMBOL ICEV BVCBO BVCEO BVEBO VCE(SAT) VCE(SAT) VBE(SAT) VBE(SAT) hFE hFE TEST CONDITIONS VCE=30V, VEB=3.0V IC=10A IC=1.0mA IE=10A IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA IC=10mA, IB=1.0mA IC=50mA, IB=5.0mA VCE=1.0V, IC=0.1mA VCE=1.0V, IC=1.0mA MIN 60 40 6.0 TYP 115 60 7.5 0.057 0.100 0.75 0.85 240 235
PNP TYP 90 55 7.9 0.050 0.100 0.75 0.85 130 150 MAX 50 0.100 0.200 0.85 0.95 UNITS nA V V V V V V V

0.65 90 100
Enhanced specification.
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0 mm2 (2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0 mm2 (3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4 mm2
R2 (13-December 2003)
Central
TM
CMLT3904E NPN CMLT3906E PNP CMLT3946E NPN/PNP ENHANCED SPECIFICATION COMPLEMENTARY PICOminiTM SILICON TRANSISTORS
MIN 100 70 30 300 NPN TYP 215 110 50 PNP TYP 150 120 55 MAX 300 UNITS
Semiconductor Corp.
ELECTRICAL CHARACTERISTICS (continued) SYMBOL TEST CONDITIONS hFE VCE=1.0V, IC=10mA VCE=1.0V, IC=50mA hFE hFE VCE=1.0V, IC=100mA fT VCE=20V, IC=10mA, f=100MHz Cob VCB=5.0V, IE=0, f=1.0MHz Cib VBE=0.5V, IC=0, f=1.0MHz hie VCE=10V, IC=1.0mA, f=1.0kHz hre VCE=10V, IC=1.0mA, f=1.0kHz hfe VCE=10V, IC=1.0mA, f=1.0kHz hoe VCE=10V, IC=1.0mA, f=1.0kHz NF VCE=5.0V,IC=100A, RS =1.0K, f=10Hz to 15.7kHz td VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA tr VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA ts VCC=3.0V, IC=10mA, IB1=IB2=1.0mA tf VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
1.0 0.1 100 1.0
4.0 8.0 12 10 400 60 4.0 35 35 200 50
MHz pF pF k X10-4 mhos dB ns ns ns ns
Enhanced specification.
SOT-563 - MECHANICAL OUTLINE
D A
6
E
5
E
4
B
G
F
1
2
3
C
H
R0
LEAD CODE: 1) EMITTER Q1 2) BASE Q1 3) COLLECTOR Q2 4) EMITTER Q2 5) BASE Q2 6) COLLECTOR Q1 CMLT3904E
MARKING CODE: L04
CMLT3906E
MARKING CODE: L06
CMLT3946E
MARKING CODE: L46
R2 (13-December 2003)


▲Up To Search▲   

 
Price & Availability of CMLT3946E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X